Part Number Hot Search : 
XXXAB XXXXXX 5L0565R 74LS42 MMSZ47 AOD420 220MT ADF7012
Product Description
Full Text Search
 

To Download MAC12SM05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAC12SM, MAC12SN
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for industrial and consumer applications for full wave control of AC loads such as appliance controls, heater controls, motor controls, and other power switching applications.
Features
http://onsemi.com
* Sensitive Gate Allows Triggering by Microcontrollers and other * * * * * * * * * *
Logic Circuits Blocking Voltage to 800 Volts On-State Current Rating of 12 Amperes RMS at 70C High Surge Current Capability - 90 Amperes Rugged, Economical TO-220AB Package Glass Passivated Junctions for Reliability and Uniformity Maximum Values of IGT, VGT and IH Specified for Ease of Design High Commutating di/dt - 8.0 A/ms Minimum at 110C Immunity to dV/dt - 15 V/msec Minimum at 110C Operational in Three Quadrants: Q1, Q2, and Q3 Pb-Free Packages are Available*
TRIACS 12 AMPERES RMS 600 thru 800 VOLTS
MT2 G MT1
MARKING DIAGRAM
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State Voltage (Note 1) (TJ = -40 to 110C, Sine Wave, 50 to 60 Hz, Gate Open) MAC12SM MAC12SN On-State RMS Current (All Conduction Angles; TC = 70C) Peak Non-Repetitive Surge Current (One Full Cycle Sine Wave, 60 Hz, TJ = 110C) Circuit Fusing Consideration (t = 8.33 ms) Peak Gate Power (Pulse Width = 1.0 msec, TC = 70C) Average Gate Power (t = 8.3 msec, TC = 70C) Operating Junction Temperature Range Storage Temperature Range Symbol VDRM, VRRM 600 800 IT(RMS) ITSM 12 90 A A Value Unit V 1 2 3 x A Y WW G TO-220AB CASE 221A-09 STYLE 4
MAC12SxG AYWW
= M, or N = Assembly Location = Year = Work Week = Pb-Free Package
I2t PGM PG(AV) TJ Tstg
33 16 0.35 -40 to 110 -40 to 150
A2sec W W C C
PIN ASSIGNMENT
1 2 3 4 Main Terminal 1 Main Terminal 2 Gate Main Terminal 2
ORDERING INFORMATION
Device MAC12SM MAC12SMG MAC12SN MAC12SNG Package TO-220AB TO-220AB (Pb-Free) TO-220AB TO-220AB (Pb-Free) Shipping 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. (VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
Preferred devices are recommended choices for future use and best overall value.
1
December, 2005 - Rev. 3
Publication Order Number: MAC12SM/D
MAC12SM, MAC12SN
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Case Junction-to-Ambient Symbol RqJC RqJA TL Value 2.2 62.5 260 Unit C/W C
Maximum Lead Temperature for Soldering Purposes 1/8 from Case for 10 Seconds
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted; Electricals apply in both directions)
Characteristic OFF CHARACTERISTICS Peak Repetitive Blocking Current (VD = Rated VDRM, VRRM; Gate Open) ON CHARACTERISTICS Peak On-State Voltage (Note 2) (ITM = 17 A) Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) Holding Current (VD = 12 V, Gate Open, Initiating Current = 200 mA) Latching Current (VD = 12 V, IG = 5 mA) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) DYNAMIC CHARACTERISTICS Critical Rate of Change of Commutating Current (VD = 400 V, ITM = 3.5 A, Commutating dV/dt = 10 V/ms, Gate Open, TJ = 110C, f = 500 Hz, Snubber: Cs = 0.01 mf, Rs = 15 W) Critical Rate of Rise of Off-State Voltage (VD = 67% VDRM, Exponential Waveform, RGK = 1 KW, TJ = 110C) Repetitive Critical Rate of Rise of On-State Current IPK = 50 A; PW = 40 msec; diG/dt = 1 A/msec; Igt = 100 mA; f = 60 Hz 2. Pulse Test: Pulse Width 2.0 ms, Duty Cycle 2%. (di/dt)c 8.0 10 - A/ms VTM IGT - - - IH IL - - - VGT 0.45 0.45 0.45 0.68 0.62 0.67 1.5 1.5 1.5 3.0 5.0 3.0 15 20 15 V - 1.5 2.5 2.7 2.5 5.0 5.0 5.0 10 mA mA - - 1.85 V mA TJ = 25C TJ = 110C IDRM, IRRM mA - - - - 0.01 2.0 Symbol Min Typ Max Unit
dV/dt di/dt
15 -
40 -
- 10
V/ms A/ms
Voltage Current Characteristic of Triacs (Bidirectional Device)
+ Current Quadrant 1 MainTerminal 2 +
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Forward Off State Voltage Peak Forward Blocking Current Peak Repetitive Reverse Off State Voltage Peak Reverse Blocking Current Maximum On State Voltage Holding Current Quadrant 3 MainTerminal 2 - IH VTM IRRM at VRRM on state IH
VTM
off state
+ Voltage IDRM at VDRM
http://onsemi.com
2
MAC12SM, MAC12SN
Quadrant Definitions for a Triac
MT2 POSITIVE (Positive Half Cycle) +
(+) MT2
(+) MT2
Quadrant II
(-) IGT GATE MT1 REF
(+) IGT GATE MT1 REF
Quadrant I
IGT - (-) MT2 (-) MT2
+ IGT
Quadrant III
(-) IGT GATE MT1 REF
(+) IGT GATE MT1 REF
Quadrant IV
- MT2 NEGATIVE (Negative Half Cycle) All polarities are referenced to MT1. With in-phase signals (using standard AC lines) quadrants I and III are used.
IGT, GATE TRIGGER CURRENT (mA)
100 VGT, GATE TRIGGER VOLTAGE (VOLTS)
0.90 0.85
Q1
0.80 Q3 0.75 0.70 0.65 0.60 0.55 0.50 0.45 0.40 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C) Q2
10 Q3
Q2
Q1 1
0.1 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
95
110
95 110
Figure 1. Typical Gate Trigger Current versus Junction Temperature
Figure 2. Typical Gate Trigger Voltage versus Junction Temperature
http://onsemi.com
3
MAC12SM, MAC12SN
100 IL , LATCHING CURRENT (mA) 100 IH, HOLDING CURRENT (mA)
10
Q1 Q2 Q3
10
MT2 Positive 1 MT2 Negative
1
0.1 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
95
110
0.1 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
95 110
P(AV), AVERAGE POWER DISSIPATION (WATTS)
Figure 3. Typical Latching Current versus Junction Temperature
110 TC , CASE TEMPERATURE ( C)
Figure 4. Typical Holding Current versus Junction Temperature
25 DC 180 120 90 60 10 30
100 30, 60 90 90 80 180 70 DC 60 0 4 6 8 10 IT(RMS), RMS ON-STATE CURRENT (AMPS) 2 12
20
15
5 0
0
2 4 6 8 10 IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
12
Figure 5. Typical RMS Current Derating
Figure 6. On-State Power Dissipation
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
IT, INSTANTANEOUS ON-STATE CURRENT (AMPS)
100
Typical @ TJ = 25C
1
Maximum @ TJ = 110C Maximum @ TJ = 25C 10
0.1
1
0.01 0.1
1
10 100 t, TIME (ms)
1000
10000
Figure 8. Typical Thermal Response
0.1 0.5 1.5 2.5 3.5 4.5 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
Figure 7. Typical On-State Characteristics http://onsemi.com
4
MAC12SM, MAC12SN
PACKAGE DIMENSIONS
TO-220AB CASE 221A-09 ISSUE AA
-T- B
4
SEATING PLANE
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
Q
123
A U K
H Z L V G D N R J
STYLE 4: PIN 1. 2. 3. 4.
MAIN TERMINAL 1 MAIN TERMINAL 2 GATE MAIN TERMINAL 2
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
MAC12SM/D


▲Up To Search▲   

 
Price & Availability of MAC12SM05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X